| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM2901 bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM2901 bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 33 page ![]() PCM2901 PCM2903 SLES034B − MARCH 2002 − REVISED JUNE 2004 www.ti.com 26 When receiving the audio data, the PCM2901/2903 stores the first audio packet, which contained 1-ms audio data, into the internal storage buffer. The PCM2901/2903 starts playing the audio data when detecting the following start of frame (SOF) packet. D+/D− 2.5 V (Typ.) 0 V Internal Reset Ready for Setup SOF Ready for Playback SEL1 (Pin 9) Attach (Connect to USB Bus) Bus Reset Set Configuration SOF SOF BPZ Bus Idle 3.3 V (Typ.) 5 V = VBUS (Typ.) 1st Audio Data 2nd Audio Data VDD (Pin 27) SSPND VOUTL VOUTR 700 µs Device Setup 1 ms Figure 35. Attach After Power-On |