| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28W320ECB70N1F bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320ECB70N1F bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 53 page ![]() 49/53 M28W320ECT, M28W320ECB Figure 24. Protection Register Program Flowchart and Pseudo Code Note: 1. Status check of b1 (Protected Block), b3 (VPP Invalid) and b4 (Program Error) can be made after each program operation or after a sequence. 2. If an error is found, the Status Register must be cleared before further Program/Erase Controller operations. Write C0h AI04381 Start Write Address & Data Read Status Register YES NO b7 = 1 YES NO b3 = 0 NO b4 = 0 VPP Invalid Error (1, 2) Program Error (1, 2) protection_register_program_command (addressToProgram, dataToProgram) {: writeToFlash (any_address, 0xC0) ; do { status_register=readFlash (any_address) ; /* E or G must be toggled*/ } while (status_register.b7== 0) ; if (status_register.b3==1) /*VPP invalid error */ error_handler ( ) ; YES End YES NO b1 = 0 Program to Protected Block Error (1, 2) writeToFlash (addressToProgram, dataToProgram) ; /*Memory enters read status state after the Program Command*/ if (status_register.b4==1) /*program error */ error_handler ( ) ; if (status_register.b1==1) /*program to protect block error */ error_handler ( ) ; } |