công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431ALPREG bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện TLV431ALPREG
Giải thích chi tiết về linh kiện  Low Voltage Precision Adjustable Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431ALPREG bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button TLV431ALPREG Datasheet HTML 9Page - ON Semiconductor TLV431ALPREG Datasheet HTML 10Page - ON Semiconductor TLV431ALPREG Datasheet HTML 11Page - ON Semiconductor TLV431ALPREG Datasheet HTML 12Page - ON Semiconductor TLV431ALPREG Datasheet HTML 13Page - ON Semiconductor TLV431ALPREG Datasheet HTML 14Page - ON Semiconductor TLV431ALPREG Datasheet HTML 15Page - ON Semiconductor TLV431ALPREG Datasheet HTML 16Page - ON Semiconductor TLV431ALPREG Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLV431A, TLV431B, TLV431C, SCV431B, NCV431
www.onsemi.com
13
Figure 31. Isolated Output Line Powered Switching Power Supply
The above circuit shows the TLV431A/B/C as a compensated amplifier controlling the feedback loop of an isolated output line
powered switching regulator. The output voltage is programmed to 3.3 V by the resistors values selected for R1 and R2. The
minimum output voltage that can be programmed with this circuit is 2.64 V, and is limited by the sum of the reference voltage
(1.24 V) and the forward drop of the optocoupler light emitting diode (1.4 V). Capacitor C1 provides loop compensation.
Gate Drive
VCC
Controller
VFB
GND
Current
Sense
DC Output
3.3 V
R1
3.0 k
R2
1.8 k
100
AC Input
C1
0.1
mF
Anode
Reference
NC
NC
Cathode
5
4
1
2
3
TLV43
1XXX
ALYWW
G
G
PIN CONNECTIONS AND DEVICE MARKING
(Top View)
12
3
Cathode
Anode
Reference 1
2
3
(Top View)
XXX
= Specific Device Code
A
= Assembly Location
Y
= Year
L
= Wafer Lot
WW, W = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1. Reference
2. Anode
3. Cathode
TO−92
TSOP−5
SOT−23−3
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com