| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XP-G3 bảng dữ liệu(PDF) 25 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-G3 bảng dữ liệu(HTML) 25 Page - Cree, Inc |
|
25 / 33 page ![]() Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 25 XLamp® Xp-G3 LED CrEE’s EAsywhitE® whitE Kits PLottED on Ansi stAnDArD ChroMAtiCity rEGions 2700 K 3000 K 3500 K 4000 K 4500 K 5000 K 5700 K 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 CCx ANSI C78.377 Quadrangle EasyWhite 5-Step EasyWhite 3-Step |