công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MRE bảng dữ liệu(PDF) 1 Page - Copal Electronics

tên linh kiện MRE
Giải thích chi tiết về linh kiện  Miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRE bảng dữ liệu(HTML) 1 Page - Copal Electronics

  MRE Datasheet HTML 1Page - Copal Electronics MRE Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
pole
2
poles
3
poles
4
poles
MR
 E  1 − 10  G
−
Z
Series code
Actuator shape
Waterproof type
Number of poles Number of position
Contact plating
None
Silver plated
Gold plated
1
2
3
4
10
position
5
position
3
position
2
position
10
5
3
2
G
E
MRE(36°Step)
Miniature Rotary Switches
■Features
1. The switch is designed for panel seal. The built-in O-ring
prevents entry of water drops and dust through the panel.
2. Diallyl phthalate resin (UL94V-O), which has excellent resistance
to arc and heat, and superb insulation quality is employed.
3. The terminals are molded in to ensure the permanent seal
structure which completely prevents Åux entry through the
terminals.
4. Adoption of the wiping mechanism for the contacting area
to ensure contact stability and reliability.
RoHS Compliant
■Part Numbering
■ SpeciÄcations
Contact plating.
Silver plated
Gold plated
Rating
Max.
500mA 125VAC
Min.
10mA 5VAC/DC
5mA 6VDC
Initial contact resistance 10m
Ω max.(1A2∼4VDC)20mΩ max.(1.5mA 200μVAC)
Dielectric strength
1,000VAC 1 minute
Insulation resistance
100M
Ω min.
(500VDC)
Electrical life
10,000 cycles
Operating force
9.8N
・cm max.
Stopper strength
19.6N
・cm
Operating
temperature range
−20∼+85℃
Storage
temperature range
−40∼+85℃
■Panel Cut-Out Dimensions
Panel thickness : 3.5 mm max.
■Panel mounting
■Terminal Style
■ Standard Accessories
《Supplied with switch》
Part Name
Hex Nut
Lockwasher
O
−Ring
Part No.
140008010241 140008030051 140000610111
Dimensions
Finish
Nickel plated
Zinc plated
Black
Nitril rubber
Panel Seal
The panel sealing capability of the switch ensures no
problem when it is left in water 1 meter deep for 30
minutes. However, do not operate the switch in water.
O-ring
O-ring


Số phần tương tự - MRE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD SKY ELECTRIC CO., ...
MRE GOODSKY-MRE Datasheet
404Kb / 2P
Relay
logo
Winchester Electronics ...
MRE WINCHESTER-MRE Datasheet
4Mb / 93P
Rack & Panel
logo
GOOD SKY ELECTRIC CO., ...
MRE-206DB GOODSKY-MRE-206DB Datasheet
404Kb / 2P
Relay
MRE-206DM GOODSKY-MRE-206DM Datasheet
404Kb / 2P
Relay
MRE-209DB GOODSKY-MRE-209DB Datasheet
404Kb / 2P
Relay
More results

Mô tả tương tự - MRE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
Miniature ROTA-SLIDE짰 Rotary Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
Hyper-Miniature Dip Rotary Switches
MRB COPAL-MRB Datasheet
391Kb / 2P
Super-Miniature Rotary Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
Miniature Rotary Switches
MR-STEP36 COPAL-MR-STEP36 Datasheet
567Kb / 3P
Miniature Rotary Switches
SMR COPAL-SMR Datasheet
1Mb / 4P
Hyper-Miniature Dip Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
Miniature Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
RW CK-COMPONENTS-RW Datasheet
269Kb / 2P
Sub-miniature Rotary Switches
16 Mar 22
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com