công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASA01A24-M bảng dữ liệu(PDF) 2 Page - Artesyn Technologies

tên linh kiện ASA01A24-M
Giải thích chi tiết về linh kiện  Total Power: 6 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARTESYN [Artesyn Technologies]
Trang chủ  
Logo ARTESYN - Artesyn Technologies

ASA01A24-M bảng dữ liệu(HTML) 2 Page - Artesyn Technologies

  ASA01A24-M Datasheet HTML 1Page - Artesyn Technologies ASA01A24-M Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASA 6W-M Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
Mechanical Drawing
Bottom View
11
13
15
24
20.32 [0.80]
5.08
[0.20]
23
12
2.0
[0.08]
1
2.54
[0.10]
0.60 [0.024]
31.8 [1.25]
Pin Connectors
Pin Number
Single Output
Dual Output
1
+Vin
+Vin
11
No Pin
Common
12
-Vout
No Pin
13
+Vout
-Vout
15
No Pin
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
ASA6W-M DS 15Jul2016
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 (X.XXX±0.005)
Pin pitch tolerance: ±0.25 (±0.01)
Pin dimension tolerance: ±0.1 (±0.004)
Ordering Information
Model Number
Input Voltage
Output 1 Voltage
Output 2 Voltage
Maximum Power
ASA01A12-M
9 - 18 V
5 V @ 1 A
5 W
ASA01B12-M
9 - 18 V
12 V @ 0.5 A
6 W
ASA01BB12-M
9 - 18 V
12 V @ 0.25 A
-12 V @ 0.25 A
6 W
ASA01CC12-M
9 - 18 V
15 V @ 0.2 A
-15 V @ 0.2 A
6 W
ASA01A24-M
18 - 36 V
5 V @ 1 A
5 W
ASA01B24-M
18 - 36 V
12 V @ 0.5 A
6 W
ASA01BB24-M
18 - 36 V
12 V @ 0.25 A
-12 V @ 0.25 A
6 W
ASA01CC24-M
18 - 36 V
15 V @ 0.2 A
-15 V @ 0.2 A
6 W
ASA01A48-M
36 - 75 V
5 V @ 1 A
5 W
ASA01B48-M
36 - 75 V
12 V @ 0.5 A
6 W
ASA01BB48-M
36 - 75 V
12 V @ 0.25 A
-12 V @ 0.25 A
6 W
ASA01CC48-M
36 - 75V
15 V @ 0.2 A
-15 V @ 0.2 A
6 W
Please contact Artesyn Embedded Technologies for information on other output voltages, power ranges and configurations.
Physical Characteristics
Case Size
31.8 x 20.3 x 12 mm
(1.25 x 0.8 x 0.47 inches
Case Material
Non-Conductive Black Plastic
(flammability to UL 94V-0 rated)
Weight
18 g



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com