| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP9700-E/TT bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9700-E/TT bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 22 page ![]() 2005-2016 Microchip Technology Inc. DS20001942G-page 19 MCP9700/9700A and MCP9701/9701A PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: MCP9700: Linear Active Thermistor™ IC MCP9700A: Linear Active Thermistor™ IC MCP9701: Linear Active Thermistor™ IC MCP9701A: Linear Active Thermistor™ IC Tape and Reel: T = Tape and Reel (1) Blank = Tube Temperature Range: E = -40C to +125C (Extended Temperature) H= -40C to +150C (High Temperature) (MCP9700, SOT-23-3 and SC70-5 only) Package: LT = Plastic Small Outline Transistor, 5-lead TO = Plastic Transistor Outline, 3-lead TT = Plastic Small Outline Transistor, 3-lead PART NO. X /XX Package Temperature Range Device Examples: a) MCP9700T-E/LT: Linear Active Thermistor IC Tape and Reel Extended temperature 5LD SC70 package b) MCP9700-E/TO: Linear Active Thermistor IC Extended temperature 3LD TO-92 package c) MCP9700T-E/TT: Linear Active Thermistor IC Tape and Reel Extended temperature 3LD SOT-23 package d) MCP9700T-H/LT: Linear Active Thermistor IC Tape and Reel High temperature 5LD SC70 package a) MCP9700AT-E/LT: Linear Active Thermistor IC Tape and Reel Extended temperature 5LD SC70 package b) MCP9700A-E/TO: Linear Active Thermistor IC Extended temperature 3LD TO-92 package c) MCP9700AT-E/TT: Linear Active Thermistor IC Tape and Reel Extended temperature 3LD SOT-23 package a) MCP9701T-E/LT: Linear Active Thermistor IC Tape and Reel Extended temperature 5LD SC70 package b) MCP9701-E/TO: Linear Active Thermistor IC Extended temperature 3LD TO-92 package c) MCP9701T-E/TT: Linear Active Thermistor IC Tape and Reel Extended temperature 3LD SOT-23 package a) MCP9701AT-E/LT: Linear Active Thermistor IC Tape and Reel Extended temperature 5LD SC70 package b) MCP9701A-E/TO: Linear Active Thermistor IC Extended temperature 3LD TO-92 package c) MCP9701AT-E/TT: Linear Active Thermistor IC Tape and Reel Extended Temperature 3LD SOT-23 package a) MCP9700T-H/TT: Linear Active Thermistor IC Tape and Reel High Temperature 3LD SOT-23 package b) MCP9700T-H/LT: Linear Active Thermistor IC Tape and Reel High Temperature 5LD SC70 package – X (1) Tape and Reel Option Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. |