| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP9804T-E/MS bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804T-E/MS bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 52 page ![]() © 2009-2012 Microchip Technology Inc. DS22203C-page 37 MCP9804 7.0 PACKAGING INFORMATION 7.1 Package Marking Information 8-Lead MSOP Example : XXXXXX YWWNNN 9804E 132256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (2 x 3) Example: XXX YWW NN AET 132 25 |