công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP9804T-E/MC bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện MCP9804T-E/MC
Giải thích chi tiết về linh kiện  짹0.25째C Typical Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T-E/MC bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button MCP9804T-E/MC Datasheet HTML 16Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 17Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 18Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 19Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 20Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 21Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 22Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 23Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
MCP9804
DS22203C-page 20
© 2009-2012 Microchip Technology Inc.
FIGURE 5-2:
Timing Diagram for Writing to the Configuration Register (see Section 4.0 “Serial
Communication”).
Writing to the CONFIG Register to Enable the Event Output Pin <0000 0000 0000 1000>b:
SDA
A
C
K
001
1
A
00
00
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
12
34
5
6
7
8
SCL
0
Address Byte
W
MCP9804
MCP9804
MSB Data
A
C
K
A
C
K
P
12
34
5
6
7
8
12
34
567
8
LSB Data
Configuration Pointer
MCP9804
MCP9804
00
1
00
0
0
0
00
0
0
0
0
0
1
00
0
Note: This is an example routine (see Appendix A: “Source Code”).
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE);
//WRITE Command
(see
Section 4.1.4 “Address Byte”)
//also, make sure bit 0 is cleared ‘0’
i2c_write(0x01);
// Write CONFIG Register
i2c_write(0x00);
// Write data
i2c_write(0x08);
// Write data
i2c_stop();
// send STOP command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52