công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTCH102-I/SS bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện MTCH102-I/SS
Giải thích chi tiết về linh kiện  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-I/SS bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button MTCH102-I/SS Datasheet HTML 29Page - Microchip Technology MTCH102-I/SS Datasheet HTML 30Page - Microchip Technology MTCH102-I/SS Datasheet HTML 31Page - Microchip Technology MTCH102-I/SS Datasheet HTML 32Page - Microchip Technology MTCH102-I/SS Datasheet HTML 33Page - Microchip Technology MTCH102-I/SS Datasheet HTML 34Page - Microchip Technology MTCH102-I/SS Datasheet HTML 35Page - Microchip Technology MTCH102-I/SS Datasheet HTML 36Page - Microchip Technology MTCH102-I/SS Datasheet HTML 37Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 35
MTCH102/5/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
MTCH102; MTCH105; MTCH108.
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended)
Package:
MS
=
MSOP
SS
=
SSOP
MU
=
UDFN
GZ
=
UQFN
ST
=
TSSOP
ML
=
QFN
Examples:
a)
MTCH102 - I/MS = Industrial temperature,
MSOP package.
b)
MTCH105 - I/ML = Industrial temperature, QFN
package.
c)
MTCH108 - I/GZ = Industrial temperature,
UQFN package.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37