công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMX320LF2401AVFS bảng dữ liệu(PDF) 85 Page - Texas Instruments

tên linh kiện TMX320LF2401AVFS
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button TMX320LF2401AVFS Datasheet HTML 81Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 82Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 83Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 84Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 85Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 86Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 87Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 88Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 134 page
background image
TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
85
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
LPM2 wakeup timing
switching characteristics over recommended operating conditions (see Figure 33)
PARAMETER
MIN
MAX
UNIT
t ()
Delay time, PDPINTA low to PWM
if bit 6 of SCSR2 = 0
(6 + 1)tc(CO) + 12†
ns
td(PDP-PWM)HZ
Delay time, PDPINTA low to PWM
high-impedance state
if bit 6 of SCSR2 = 1
(12+ 1)tc(CO) + 12†
ns
td(INT)
Delay time, INT low/high to interrupt-vector
fetch
10tc(CO) + tw(PDP−WAKE)
ns
† Includes i/p qualifier cycles plus synchronization plus propagation delay
timing requirements (see Figure 33)
MIN
MAX
UNIT
t
‡
Pulse duration PDPINTA input low
if bit 6 of SCSR2 = 0
6tc(CO)
ns
tw(PDP−WAKE)‡
Pulse duration, PDPINTA input low
if bit 6 of SCSR2 = 1
12tc(CO)
ns
tp
PLL lock-up time
4096tc(CI)
cycles
‡ This is different from 240x devices.
PWM
PDPINTx
CLKOUT‡
tw(PDP−WAKE)
td(PDP-PWM)HZ
CPU Status
Interrupt Vector§ or
Next Instruction
td(INT)
XTAL1
Oscillator Disabled
CLKIN
tp
tOSC†
CPU IDLE State (LPM2)
† tOSC is the oscillator start-up time.
‡ CLKOUT frequency after LPM2 wakeup will be the same as that upon entering LPM2 (x4 shown as an example).
§ PDPINTx interrupt vector, if PDPINTx interrupt is enabled.
If PDPINTx interrupt is disabled.
Figure 33. LPM2 Wakeup Using PDPINTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More