công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMX320LC2401AVFS bảng dữ liệu(PDF) 67 Page - Texas Instruments

tên linh kiện TMX320LC2401AVFS
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2401AVFS bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button TMX320LC2401AVFS Datasheet HTML 63Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 64Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 65Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 66Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 67Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 68Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 69Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 70Page - Texas Instruments TMX320LC2401AVFS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
watchdog (WD) timer module (continued)
Table 14. WD Overflow (Time-out) Selections
WD PRESCALE SELECT BITS
WDCLK DIVIDER
WATCHDOG
CLOCK RATE†
WDPS2
WDPS1
WDPS0
WDCLK DIVIDER
FREQUENCY (Hz)
0
0
X‡
1
WDCLK/1
0
1
0
2
WDCLK/2
0
1
1
4
WDCLK/4
1
0
0
8
WDCLK/8
1
0
1
16
WDCLK/16
1
1
0
32
WDCLK/32
1
1
1
64
WDCLK/64
† WDCLK = CLKOUT/512
‡ X = Don’t care
development support
Texas Instruments (TI) offers an extensive line of development tools for the x240xA generation of DSPs,
including tools to evaluate the performance of the processors, generate code, develop algorithm
implementations, and fully integrate and debug software and hardware modules.
The following products support development of x240xA-based applications:
Software Development Tools:
Assembler/linker
Simulator
Optimizing ANSI C compiler
Application algorithms
C/Assembly debugger and code profiler
Hardware Development Tools:
Emulator XDS510
 (supports x24x multiprocessor system debug)
TMS320LF2407 EVM (Evaluation module for 2407 DSP)
See Table 15 and Table 16 for complete listings of development support tools for the x240xA. For information
on pricing and availability, contact the nearest TI field sales office or authorized distributor.
Table 15. Development Support Tools
DEVELOPMENT TOOL
PLATFORM
PART NUMBER
Software
Code Composer Studio
 v.2.2
PC
TMDSCCS2000-1
Hardware − Emulation Debug Tools
XDS510PP
 Pod (Parallel Port) with JTAG cable
PC
TMDS3P701014
PC is a trademark of International Business Machines Corp..
Code Composer Studio, XDS510, and XDS510PP are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More