| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP320LC2403AVFS bảng dữ liệu(PDF) 95 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2403AVFS bảng dữ liệu(HTML) 95 Page - Texas Instruments |
|
95 / 134 page ![]() TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 95 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 SPI slave mode timing parameters Slave mode timing information is listed in the following tables. SPI slave mode external timing parameters (clock phase = 0)†‡ (see Figure 43) NO. MIN MAX UNIT 12 tc(SPC)S Cycle time, SPICLK 4tc(CO)‡ ns 13§ tw(SPCH)S Pulse duration, SPICLK high (clock polarity = 0) 0.5tc(SPC)S−10 0.5tc(SPC)S 13§ tw(SPCL)S Pulse duration, SPICLK low (clock polarity = 1) 0.5tc(SPC)S−10 0.5tc(SPC)S ns 14§ tw(SPCL)S Pulse duration, SPICLK low (clock polarity = 0) 0.5tc(SPC)S−10 0.5tc(SPC)S 14§ tw(SPCH)S Pulse duration, SPICLK high (clock polarity = 1) 0.5tc(SPC)S−10 0.5tc(SPC)S ns 15§ td(SPCH-SOMI)S Delay time, SPICLK high to SPISOMI valid (clock polarity = 0) 0.375tc(SPC)S−10 ns 15§ td(SPCL-SOMI)S Delay time, SPICLK low to SPISOMI valid (clock polarity = 1) 0.375tc(SPC)S−10 ns 16§ tv(SPCL-SOMI)S Valid time, SPISOMI data valid after SPICLK low (clock polarity =0) 0.75tc(SPC)S 16§ tv(SPCH-SOMI)S Valid time, SPISOMI data valid after SPICLK high (clock polarity =1) 0.75tc(SPC)S ns 19§ tsu(SIMO-SPCL)S Setup time, SPISIMO before SPICLK low (clock polarity = 0) 0 19§ tsu(SIMO-SPCH)S Setup time, SPISIMO before SPICLK high (clock polarity = 1) 0 ns 20§ tv(SPCL-SIMO)S Valid time, SPISIMO data valid after SPICLK low (clock polarity = 0) 0.5tc(SPC)S ns 20§ tv(SPCH-SIMO)S Valid time, SPISIMO data valid after SPICLK high (clock polarity = 1) 0.5tc(SPC)S ns † The MASTER/SLAVE bit (SPICTL.2) is cleared and the CLOCK PHASE bit (SPICTL.3) is cleared. ‡ tc = system clock cycle time = 1/CLKOUT = tc(CO) § The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6). |