công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9M034 bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện MT9M034
Giải thích chi tiết về linh kiện  1/3-Inch CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034 bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button MT9M034 Datasheet HTML 9Page - ON Semiconductor MT9M034 Datasheet HTML 10Page - ON Semiconductor MT9M034 Datasheet HTML 11Page - ON Semiconductor MT9M034 Datasheet HTML 12Page - ON Semiconductor MT9M034 Datasheet HTML 13Page - ON Semiconductor MT9M034 Datasheet HTML 14Page - ON Semiconductor MT9M034 Datasheet HTML 15Page - ON Semiconductor MT9M034 Datasheet HTML 16Page - ON Semiconductor MT9M034 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
MT9M034/D Rev. 8, 2/16 EN
13
©Semiconductor Components Industries, LLC,2016.
MT9M034: 1/3-Inch CMOS Digital Image Sensor
Output Data Format
Parallel Output Data Timing
The output images are divided into frames, which are further divided into lines. By
default, the sensor produces 968 rows of 1284 columns each. The FV and LV signals indi-
cate the boundaries between frames and lines, respectively. PIXCLK can be used as a
clock to latch the data. For each PIXCLK cycle, with respect to the falling edge, one 12-bit
pixel datum outputs on the DOUT pins. When both FV and LV are asserted, the pixel is
valid. PIXCLK cycles that occur when FV is de-asserted are called vertical blanking.
PIXCLK cycles that occur when only LV is de-asserted are called horizontal blanking.
Figure 8:
Default Pixel Output Timing
LV and FV
The timing of the FV and LV outputs is closely related to the row time and the frame time.
FV will be asserted for an integral number of row times, which will normally be equal to
the height of the output image.
LV will be asserted during the valid pixels of each row. The leading edge of LV will be
offset from the leading edge of FV by 6 PIXCLKs. Normally, LV will only be asserted if FV
is asserted; this is configurable as described below.
LV Format Options
The default situation is for LV to be de-asserted when FV is de-asserted. By configuring
R0x306E[1:0], the LV signal can take two different output formats. The formats for
reading out four lines and two vertical blanking lines are shown in Figure 9.
PIXCLK
FV
LV
DOUT[11:0]
P0
P1
P2
P3
P4
Pn
Vertical Blanking
Horiz Blanking
Valid Image Data
Horiz Blanking
Vertical Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com