công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28W320ECB10ZB1 bảng dữ liệu(PDF) 49 Page - STMicroelectronics

tên linh kiện M28W320ECB10ZB1
Giải thích chi tiết về linh kiện  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECB10ZB1 bảng dữ liệu(HTML) 49 Page - STMicroelectronics

Back Button M28W320ECB10ZB1 Datasheet HTML 45Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 46Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 47Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 48Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 49Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 50Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 51Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 52Page - STMicroelectronics M28W320ECB10ZB1 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
49/53
M28W320ECT, M28W320ECB
Figure 24. Protection Register Program Flowchart and Pseudo Code
Note: 1. Status check of b1 (Protected Block), b3 (VPP Invalid) and b4 (Program Error) can be made after each program operation or after
a sequence.
2. If an error is found, the Status Register must be cleared before further Program/Erase Controller operations.
Write C0h
AI04381
Start
Write Address
& Data
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4 = 0
VPP Invalid
Error (1, 2)
Program
Error (1, 2)
protection_register_program_command (addressToProgram, dataToProgram) {:
writeToFlash (any_address, 0xC0) ;
do {
status_register=readFlash (any_address) ;
/* E or G must be toggled*/
} while (status_register.b7== 0) ;
if (status_register.b3==1) /*VPP invalid error */
error_handler ( ) ;
YES
End
YES
NO
b1 = 0
Program to Protected
Block Error (1, 2)
writeToFlash (addressToProgram, dataToProgram) ;
/*Memory enters read status state after
the Program Command*/
if (status_register.b4==1) /*program error */
error_handler ( ) ;
if (status_register.b1==1) /*program to protect block error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53