| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C5SME-RJE-CS0U0BB1 bảng dữ liệu(PDF) 7 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C5SME-RJE-CS0U0BB1 bảng dữ liệu(HTML) 7 Page - Cree, Inc |
|
7 / 11 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 7 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 7 Cree 5-mm Oval LED C5SMF-RJF/GJF/BJF C5SMF-RJE/GJE/BJE C5SME-RJF/RJE ORDER CODE TABLE* C5SME Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min.(nm) Color Bin Max.(nm) Red C5SME-RJF-CS0U0BB1 770 2130 RB 619 RB 624 Bulk Yes Red C5SME-RJF-CS34QBB1 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Bulk Yes Red C5SME-RJF-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Yes Red C5SME-RJE-CS0U0BB1 770 2130 RB 619 RB 624 Bulk No Red C5SME-RJE-CS34QBB1 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Bulk No Red C5SME-RJE-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk No Red C5SME-RJF-CS0U0BB2 770 2130 RB 619 RB 624 Ammo Yes Red C5SME-RJF-CS34QBB2 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Ammo Yes Red C5SME-RJF-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Yes Red C5SME-RJE-CS0U0BB2 770 2130 RB 619 RB 624 Ammo No Red C5SME-RJE-CS34QBB2 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Ammo No Red C5SME-RJE-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo No Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2 mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G8 or G9) will be shipped by Cree. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |