| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C566D-RFF-CV34QBB1 bảng dữ liệu(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C566D-RFF-CV34QBB1 bảng dữ liệu(HTML) 5 Page - Cree, Inc |
|
5 / 12 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 Cree 5-mm Oval LED C566D-RFF/GFF/BFF/AFF C566D-RFE/GFE/BFE/AFE ORDER CODE TABLE* Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C566D-RFF-CV0X0BB1 2130 5860 RB 619 RB 624 Bulk Yes Red C566D-RFF-CV14QBB1 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) RB 619 RB 624 Bulk Yes Red C566D-RFF-CV34QBB1 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) RB 619 RB 624 Bulk Yes Red C566D-RFE-CV0X0BB1 2130 5860 RB 619 RB 624 Bulk No Red C566D-RFE-CV14QBB1 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) RB 619 RB 624 Bulk No Red C566D-RFE-CV34QBB1 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) RB 619 RB 624 Bulk No Red C566D-RFF-CV0X0BB2 2130 5860 RB 619 RB 624 Ammo Yes Red C566D-RFF-CV14QBB2 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) RB 619 RB 624 Ammo Yes Red C566D-RFF-CV34QBB2 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) RB 619 RB 624 Ammo Yes Red C566D-RFE-CV0X0BB2 2130 5860 RB 619 RB 624 Ammo No Red C566D-RFE-CV14QBB2 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) RB 619 RB 624 Ammo No Red C566D-RFE-CV34QBB2 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) RB 619 RB 624 Ammo No |