| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C503C-ACS/ACN bảng dữ liệu(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C503C-ACS/ACN bảng dữ liệu(HTML) 5 Page - Cree, Inc |
|
5 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 Cree 5-mm Round LED C503C-RCS/RCN/ACS/ACN ORDER CODE TABLE* Amber Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C503C-ACS-CYAZa251 30 5860 10100 A2 584 A5 596 Bulk Yes Amber C503C-ACS-CYAZa341 30 5860 10100 A3 587 A4 593 Bulk Yes Amber C503C-ACS-CYCZa251 30 7200 10100 A2 584 A5 596 Bulk Yes Amber C503C-ACS-CYCZa341 30 7200 10100 A3 587 A4 593 Bulk Yes Amber C503C-ACS-CYAZa252 30 5860 10100 A2 584 A5 596 Ammo Yes Amber C503C-ACS-CYAZa342 30 5860 10100 A3 587 A4 593 Ammo Yes Amber C503C-ACS-CYCZa252 30 7200 10100 A2 584 A5 596 Ammo Yes Amber C503C-ACS-CYCZa342 30 7200 10100 A3 587 A4 593 Ammo Yes Amber C503C-ACN-CYAZa251 30 5860 10100 A2 584 A5 596 Bulk No Amber C503C-ACN-CYAZa341 30 5860 10100 A3 587 A4 593 Bulk No Amber C503C-ACN-CYCZa251 30 7200 10100 A2 584 A5 596 Bulk No Amber C503C-ACN-CYCZa341 30 7200 10100 A3 587 A4 593 Bulk No Amber C503C-ACN-CYAZa252 30 5860 10100 A2 584 A5 596 Ammo No Amber C503C-ACN-CYAZa342 30 5860 10100 A3 587 A4 593 Ammo No Amber C503C-ACN-CYCZa252 30 7200 10100 A2 584 A5 596 Ammo No Amber C503C-ACN-CYCZa342 30 7200 10100 A3 587 A4 593 Ammo No Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |