| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C503C-RCS/RCN bảng dữ liệu(PDF) 8 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C503C-RCS/RCN bảng dữ liệu(HTML) 8 Page - Cree, Inc |
|
8 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 8 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 8 Cree 5-mm Round LED C503C-RCS/RCN/ACS/ACN KIT NUMBER SYSTEM All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man- ner: |