| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C4SMG-RJF bảng dữ liệu(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMG-RJF bảng dữ liệu(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMG-RJF/GJF/BJF ORDER CODE TABLE* C4SMG Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMG-RJF-CS0U0BB1 770 2130 RB 619 RB 624 Bulk Red C4SMG-RJF-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Red C4SMG-RJF-CT34QBB1 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Bulk Red C4SMG-RJF-CS0U0BB2 770 2130 RB 619 RB 624 Ammo Red C4SMG-RJF-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Red C4SMG-RJF-CT34QBB2 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMG-GJF-CT0W0791 1100 4180 G7 520 G9 535 Bulk Green C4SMG-GJF-CU34Q7S1 Any 4 consecutive sub-bins: U3 (1824) - V4 (3000) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMG-GJF-CV14Q7S1 Any 4 consecutive sub-bins: V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMG-GJF-CV24Q8S1 Any 4 consecutive sub-bins: V2 (2347) - W3 (3885) Any 1 color bin from G8 (525) to G9 (535) Bulk Green C4SMG-GJF-CT0W0792 1100 4180 G7 520 G9 535 Ammo Green C4SMG-GJF-CU34Q7S2 Any 4 consecutive sub-bins: U3 (1824) - V4 (3000) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMG-GJF-CV14Q7S2 Any 4 consecutive sub-bins: V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMG-GJF-CV24Q8S2 Any 4 consecutive sub-bins: V2 (2347) - W3 (3885) Any 1 color bin from G8 (525) to G9 (535) Ammo |