| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C4SMC-RGF bảng dữ liệu(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMC-RGF bảng dữ liệu(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMC-RGF/GGF/BGF ORDER CODE TABLE* C4SMC Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMC-RGF-CU0W0BB1 1520 4180 RB 619 RB 624 Bulk Red C4SMC-RGF-CV14QBB1 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) RB 619 RB 624 Bulk Red C4SMC-RGF-CV34QBB1 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) RB 619 RB 624 Bulk Red C4SMC-RGF-CU0W0BB2 1520 4180 RB 619 RB 624 Ammo Red C4SMC-RGF-CV14QBB2 Any 4 consecutive sub-bins: V1(2130) - W2 (3590) RB 619 RB 624 Ammo Red C4SMC-RGF-CV34QBB2 Any 4 consecutive sub-bins: V3(2564) - W4 (4180) RB 619 RB 624 Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMC-GGF-CW0Y0791 3000 8200 G7 520 G9 535 Bulk Green C4SMC-GGF-CX14Q7C1 Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMC-GGF-CX14Q7S1 Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMC-GGF-CX14Q8S1 Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030) Any 1 color bin from G8 (525) to G9 (535) Bulk Green C4SMC-GGF-CX34Q7C1 Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMC-GGF-CX34Q7S1 Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMC-GGF-CX34Q8S1 Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200) Any 1 color bin from G8 (525) to G9 (535) Bulk Green C4SMC-GGF-CW0Y0792 3000 8200 G7 520 G9 535 Ammo Green C4SMC-GGF-CX14Q7C2 Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMC-GGF-CX14Q7S2 Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMC-GGF-CX14Q8S2 Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030) Any 1 color bin from G8 (525) to G9 (535) Ammo Green C4SMC-GGF-CX34Q7C2 Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMC-GGF-CX34Q7S2 Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMC-GGF-CX34Q8S2 Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200) Any 1 color bin from G8 (525) to G9 (535) Ammo |