| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP7409 bảng dữ liệu(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7409 bảng dữ liệu(HTML) 5 Page - Copal Electronics |
|
5 / 16 page ![]() DP7409 © NIDEC COPAL ELECTRONICS CORP. 5 Doc. No. MD-2010 Rev. K Characteristics subject to change without notice WRITE CYCLE LIMITS s t i n U x a M r e t e m a r a P l o b m y S tWR s m 5 e m i T e l c y C e t i r W The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND (1) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (1) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (1) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 V ILTH (1) (2) A m 0 0 1 7 1 d r a d n a t S C E D E J p U - h c t a L Figure 1. Bus Timing Figure 2. Write Cycle Timing Figure 3. Start/Stop Timing Notes: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated. tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH tWR STOP CONDITION START CONDITION ADDRESS ACK 8TH BIT BYTE n SCL SDA START CONDITION SDA STOP CONDITION SCL |