| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP7261 bảng dữ liệu(PDF) 14 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7261 bảng dữ liệu(HTML) 14 Page - Copal Electronics |
|
14 / 15 page ![]() DP7261 Doc. No. MD-2122 Rev. E 14 © NIDEC COPAL ELECTRONICS CORP. Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The device used in the above example is a DP7261WI-00-T1 (SOIC, Industrial Temperature, 100 k , Tape & Reel). Ordering Part Number DP7261WI-50 DP7261WI-00 DP7261YI-50 DP7261YI-00 Prefix Device # Suffix DP 7261 W I -00 - T1 Company ID Package W: SOIC Y: TSSOP Temperature Range I = Industrial (-40ºC to 85ºC) Product Number 7261 Resistance 50: 50k 00: 100k Tape & Reel T: Tape & Reel 1: 1000/Reel - SOIC 2: 2000/Reel - TSSOP |