công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IW1697 bảng dữ liệu(PDF) 11 Page - Dialog Semiconductor

tên linh kiện IW1697
Giải thích chi tiết về linh kiện  Low-Power Off-Line Digital Green-Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1697 bảng dữ liệu(HTML) 11 Page - Dialog Semiconductor

Back Button IW1697 Datasheet HTML 4Page - Dialog Semiconductor IW1697 Datasheet HTML 5Page - Dialog Semiconductor IW1697 Datasheet HTML 6Page - Dialog Semiconductor IW1697 Datasheet HTML 7Page - Dialog Semiconductor IW1697 Datasheet HTML 8Page - Dialog Semiconductor IW1697 Datasheet HTML 9Page - Dialog Semiconductor IW1697 Datasheet HTML 10Page - Dialog Semiconductor IW1697 Datasheet HTML 11Page - Dialog Semiconductor IW1697 Datasheet HTML 12Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
iW1697
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.1
iW1697
Page 11
FebRuaRy 1, 2012
1
3
4
6
5
2
6-Lead SOT Package
D
Compliant to JEDEC Standard MO-178AB
Controlling dimensions are in millimeters
This package is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D Moisture Sensitivity Level 1
[b] Package exceeds JEDEC Std No. 22-A111 for Solder Immersion Resistance;
packages can withstand 10 s immersion < 270ºC
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions
or gate burrs shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E1 are
are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar
burrs and interlead flash, but including any mismatch between top and bottom of the plastic
body.
SEATING
PLANE
A1
COPLANARITY
0.10
E1
B
e
e1
A
A2
C
L
α
Millimeters
A1
MIN
MAX
0.00
0.15
A
-
1.45
B
0.30
0.50
C
0.08
0.22
D
2.80
3.00
E
E1
e
0.95 BSC
e1
1.90 BSC
2.80 BSC
1.60 BSC
L
0.30
0.60
0°
8°
α
A2
0.90
1.30
E
2.90 BSC
10.0 Physical Dimensions
Figure 10.1: Physical dimensions, 6-lead SOT-23 package
Part Number
Options
Package
Description
iW1697-01
Cable Comp = 300 mV
SOT-23
Tape & Reel1
iW1697-03
Cable Comp = 450 mV
SOT-23
Tape & Reel1
iW1697-05
Cable Comp = 150 mV
SOT-23
Tape & Reel1
Note 1: Tape & Reel packing quantity is 3,000 per reel. Minimum ordering quantity is 3,000.
11.0 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com