công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IW1692 bảng dữ liệu(PDF) 11 Page - Dialog Semiconductor

tên linh kiện IW1692
Giải thích chi tiết về linh kiện  Low-Power Off-line Digital PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1692 bảng dữ liệu(HTML) 11 Page - Dialog Semiconductor

Back Button IW1692 Datasheet HTML 7Page - Dialog Semiconductor IW1692 Datasheet HTML 8Page - Dialog Semiconductor IW1692 Datasheet HTML 9Page - Dialog Semiconductor IW1692 Datasheet HTML 10Page - Dialog Semiconductor IW1692 Datasheet HTML 11Page - Dialog Semiconductor IW1692 Datasheet HTML 12Page - Dialog Semiconductor IW1692 Datasheet HTML 13Page - Dialog Semiconductor IW1692 Datasheet HTML 14Page - Dialog Semiconductor IW1692 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
iW1692
Low-Power Off-line Digital PWM Controller
Rev. 2.0
iW1692
Page 11
FebRuaRy 13, 2012
_
_
Isense CC
PRI PK
Isense
V
I
R
=
(10.12)
Substituting this into equation 10.11 gives:
()
2 OUT
Isense
PERIOD
Isense CC
TR
X
RESET
IR
T
V
NT
××
=
×
×h
(10.13)
During constant current mode, where output current is at
its maximum, the first term in Equation 10.13 is constant.
Therefore, we can call this K
C. Substituting this back into
equation 10.13 we get:
_
PERIOD
Isense CC
C
RESET
T
V
K
T
=
×
(10.14)
For iW1692 K
C is 0.264 V, therefore RIsense depends on the
maximum output current by:
2
tr
C
Isense
x
OUT
N
K
R
I
×
=
×h
×
(10.15)
Using this equation and N
tr from section 10.4 assume ηX is
87%:
13 0.264
87% 1.5
21
Isense
V
R
A
×
=
×=
W
×
We recommend using ±1% tolerance resistors for R
Isense.
10.7 Magenitizing Inductance
A feature of the iW1692 is the lack of dependence on the
magnetizing inductance for the CC curve.
Although the constant current limit does not depend on the
magnetizing inductance, there are still restrictions on the
magnetizing inductance. The maximum L
M is limited by the
amount of power that needs to come out of the transformer
in order for the power supply to regulate. This is given by:
(
)2
'
max
_
_
_
40
2
IN
ON
M MAX
XFMR MAX
OUT
OUT
XFMR MAX
X
V T
kHz
L
P
VI
P
⋅×
=
×
×
=
h
(10.16)
The minimum L
M is limited by the maximum allowable
primary peak current (I
PRI_PK). 0.9 V on the ISENSE pin should
correspond to the maximum allowable primary peak current.
Therefore, the maximum primary peak current is:
_
0.9
PRI PK
Isense
V
I
R
<
(10.17)
Thus, L
M is limited by:
(
)
_
0.9
IN
ON MAX
M MIN
Isense
VT
L
VR
⋅
=
(10.18)
There is also a lower limit on I
SENSE signal of 0.2 V. This gives
a second maximum value on L
M; compare this with the value
obtained from equation 10.16 and pick the smaller of the two
values.
(
)
2
_
_
2
2
0.2
40
XFMR MAX
Isense
M MAX
PR
L
V
kHz
××
=
×
(10.19)
We can obtain the amount of power that needs to come out
of the transformer as:
_
5.5
1
6.332
87%
XFMR MAX
VA
P
W
×
=
=
Substituting this into equation 10.16 we get:
(
)2
'
_
750
s
40
1.78
2 6.322
M MAX
V
kHz
L
mH
W
⋅m
×
=
=
×
To get the minimum value of the primary inductance, use the
value for R
ISENSE from section 10.6.
_
0.9
.6
1.5
PRI PK
V
I
A
<=
W
Substituting this primary peak current into equation 10.18:
_
750
sec 1.25
0.9 1.5
M MIN
V
L
mH
V
⋅m
=
=
W
Choose a primary inductance somewhere between 1.78 mH
and 1.42 mH; we chose 1.5 mH.
10.8 Primary Winding
In order to keep the transformer from saturation, the maximum
flux density must not be exceeded. Therefore the minimum
primary winding on the transformer must meet:
(
)
IN
ON MAX
PRI
MAX
e
VT
N
B
A
⋅
≥
×
(10.19)
Where: B
MAX is maximum flux density and Ae is the cross-
sectional area of the core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com