| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0237CSSC12SPRA0-DR bảng dữ liệu(PDF) 33 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0237CSSC12SPRA0-DR bảng dữ liệu(HTML) 33 Page - ON Semiconductor |
|
33 / 38 page ![]() AR0237CS/D Rev. 4, 6/16 EN 33 ©Semiconductor Components Industries, LLC, 2016. AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor Power-On Reset and Standby Timing Power-On Reset and Standby Timing Power-Up Sequence The recommended power-up sequence for the AR0237 is shown in Figure 15. The avail- able power supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX) must have the separation specified below. 1. Turn on VDD_PLL power supply. 2. After 100s, turn on VAA and VAA_PIX power supply. 3. After 100s, turn on VDD_IO power supply. 4. After 100s, turn on VDD power supply. 5. After 100s, turn on VDD_SLVS power supply. 6. After the last power supply is stable, enable EXTCLK. 7. Assert RESET_BAR for at least 1ms. The parallel interface will be tri-stated during this time. 8. Wait 150000 EXTCLKs (for internal initialization into software standby. 9. Configure PLL, output, and image settings to desired values. 10. Wait 1ms for the PLL to lock. 11. Set streaming mode (R0x301a[2] = 1). Figure 15: Power Up VDD_PLL (2.8) VAA_PIX VAA (2.8) VDD_IO (1.8/2.8) VDD (1.8) VDD_SLVS (0.4) EXTCLK RESET_BAR t0 t1 t2 t3 tx t4 t5 t6 Hard Reset Internal Initialization Software Standby PLL Lock Streaming |