công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR0237CSSC12SHRA0-DR bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện AR0237CSSC12SHRA0-DR
Giải thích chi tiết về linh kiện  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SHRA0-DR bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  AR0237CSSC12SHRA0-DR Datasheet HTML 1Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 2Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 3Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 4Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 5Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 6Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 7Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 8Page - ON Semiconductor AR0237CSSC12SHRA0-DR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
2
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Ordering Information
Ordering Information
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full
description of the naming convention used for image sensors. For reference documenta-
tion, including information on evaluation kits, please visit our web site at
www.onsemi.com.
Table 2:
Available Part Numbers
Part Number
Product Description
Orderable Product Attribute Description
AR0237CSSC00SUEA0-DR
2Mp 1/2.7" Image Sensor, RGB, 0 deg CRA, iBGA
package, multi output
Drypack
AR0237CSSC00SHRA0-DR
2Mp 1/2.7" Image Sensor, RGB, 0 deg CRA, mPLCC
package, HiSPi output
Drypack
AR0237CSSC00SPRA0-DR
2Mp 1/2.7" Image Sensor, RGB, 0 deg CRA, mPLCC
package, Parallel output
Drypack
AR0237CSSC12SHRA0-DR
2Mp 1/2.7" Image Sensor, RGB, 12 deg CRA, mPLCC
package, HiSPi output
Drypack
AR0237CSSC12SPRA0-DR
2Mp 1/2.7" Image Sensor, RGB, 12 deg CRA, mPLCC
package, Parallel output
Drypack
AR0237IRSH12SHRA0-DR-E
2Mp 1/2.7" Image Sensor, RGB-IR, 12 deg CRA,
mPLCC package, HiSPi output
Drypack
AR0237IRSH12SPRA0-DR-E
2Mp 1/2.7" Image Sensor, RGB-IR, 12 deg CRA,
mPLCC package, Parallel output
Drypack
AR0237CSSC00SUEAH3-GEVB
RGB, 0 deg CRA, iBGA package, multi output,
Headboard
Headboard
AR0237CSSC00SHRAH3-GEVB
RGB, 0 deg CRA, mPLCC package, HiSPi output,
Headboard
Headboard
AR0237CSSC00SPRAH3-GEVB
RGB, 0 deg CRA, mPLCC package, Parallel output,
Headboard
Headboard
AR0237CSSC12SHRAH3-GEVB
RGB, 12 deg CRA, mPLCC package, HiSPi output,
Headboard
Headboard
AR0237CSSC12SPRAH3-GEVB
RGB, 12 deg CRA, mPLCC package, Parallel output,
Headboard
Headboard
AR0237IRSH12SHRAH3-GEVB
RGB-IR, 12 deg CRA, mPLCC package, HiSPi output,
Headboard
Headboard
AR0237IRSH12SPRAH3-GEVB
RGB-IR, 12 deg CRA, mPLCC package, Parallel
output, Headboard
Headboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38