| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0130CSSC00SPBA0-DP1 bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0130CSSC00SPBA0-DP1 bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
|
5 / 49 page ![]() AR0130CS/D Rev. 12, 1/16 EN 5 ©Semiconductor Components Industries, LLC, 2016. AR0130CS: 1/3-Inch CMOS Digital Image Sensor Functional Overview provides further data path corrections and applies digital gain). The pixel data are output at a rate of up to 74.25 Mp/s, in parallel to frame and line synchronization signals. Figure 2: Typical Configuration: Parallel Pixel Data Interface Notes: 1. All power supplies must be adequately decoupled. 2. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for slower two-wire speed. 3. This pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times. 4. ON Semiconductor recommends that VDD_SLVS pad (only available in bare die) is left unconnected. 5. ON Semiconductor recommends that 0.1μF and 10μF decoupling capacitors for each power supply are mounted as close as possible to the pad. Actual values and results may vary depending on lay- out and design considerations. Check the AR0130 demo headboard schematics for circuit recom- mendations. 6. ON Semiconductor recommends that analog power planes are placed in a manner such that cou- pling with the digital power planes is minimized. 7. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage currents. VDD Master clock (6–50 MHz) SDATA SCLK Reserved FRAME_VALID DOUT [11:0] EXTCLK DGND Digital ground Analog ground Digital core power1 To controller From Controller LINE_VALID PIXCLK RESET_BAR VDD_IO Digital I/O power1 VAA VAA_PIX Analog power1 VDD_PLL PLL power1 Analog power1 VAA_PIX VDD_IO VDD_PLL VDD VAA TRIGGER OE_BAR STANDBY AGND SADDR |