| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8088EM bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8088EM bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG |
|
6 / 24 page ![]() Data Sheet 6 Rev 1.0, 2012-10-01 TLE 8088 EM Pin Configuration 20 IN1 Control Input Channel 1: internal pull down 21 TX Logic level input for data to be transmitted on the K-Line bus KIO 22 RX Logic output of data received from the K-Line bus KIO. 23 GND Power Ground 24 n.c. Not connected Exposed pad should be connected to GND and to the ground plane of the ECU Pin Symbol Function |