| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS-4-14XB bảng dữ liệu(PDF) 6 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CS-4-14XB bảng dữ liệu(HTML) 6 Page - Copal Electronics |
|
6 / 7 page ![]() P.C.B. Solder bath P.C.B. Solder bath ■ SOLDERING CONDITIONS When dip-soldering CS-4-13NA, NB or CS-4-22YA, YB, solder bridges may occur between terminals depending upon soldering conditions. In order to prevent such bridges,vertical flow direction is recommended as shown in the below figure. For dip-soldering,preheating should be done after apply- ing flux. Handle carefully in case of parallel flow direction in which solder bridges occur more often because solder flow moves toward the vertical direction against the terminals. In addition, other soldering conditions such as soldering temperature, preheating temperature, specific gravity of flux, and belt speed affect the occurrence of bridges. Depending on flux to be applied, markings may, though at rare case, disappear or fade out at soldering. Please make sure before its use. Flow direction Vertical Parallel CS-4-13NA, NB CS-4-22YA, YB CS-4 ROTARY SELECTOR SWITCHES (SMD) |