công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0200F0AEP bảng dữ liệu(PDF) 71 Page - NXP Semiconductors

tên linh kiện MMPF0200F0AEP
Giải thích chi tiết về linh kiện  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F0AEP bảng dữ liệu(HTML) 71 Page - NXP Semiconductors

Back Button MMPF0200F0AEP Datasheet HTML 67Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 68Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 69Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 70Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 71Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 72Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 73Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 74Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
NXP Semiconductors
71
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN3
Table 88. VGEN3 electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN2 = 3.6 V,
VGEN3[3:0] = 1111, IGEN3 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111, IGEN3 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VGEN3
VIN2
Operating Input Voltage
1.8 V
≤ VGEN3NOM ≤ 2.5 V
2.6 V
≤ VGEN3NOM ≤ 3.3 V
2.8
VGEN3NO
M+ 0.250
–
–
3.6
3.6
V
(59)
VGEN3NOM
Nominal Output Voltage
–
Table 77
–V
IGEN3
Operating Load Current
0.0
–
100
mA
VGEN3 DC
VGEN3TOL
Output Voltage Tolerance
VIN2MIN < VIN2 < 3.6 V
0.0 mA < IGEN3 < 100 mA
VGEN3[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN3LOR
Load Regulation
(VGEN3 at IGEN3 = 100 mA) - (VGEN3 at IGEN3 = 0.0 mA)
For any VIN2MIN < VIN2 < 3.6 V
–0.07
–
mV/mA
VGEN3LIR
Line Regulation
(VGEN3 at VIN2 = 3.6 V) - (VGEN3 at VIN2MIN )
For any 0.0 mA < IGEN3 < 100 mA
–0.8
–
mV/mA
IGEN3LIM
Current Limit
IGEN3 when VGEN3 is forced to VGEN3NOM/2
127
167
200
mA
IGEN3OCP
Overcurrent Protection Threshold
IGEN3 required to cause the SCP function to disable LDO when
REGSCPEN = 1
120
–
200
mA
IGEN3Q
Quiescent Current
No load, Change in IVIN and IVIN2
When VGEN3 enabled
–13–
μA
VGEN3 AC and transient
PSRRVGEN3
PSRR
•IGEN3 = 75 mA, 20 Hz to 20 kHz
VGEN3[3:0] = 0000 - 1110, VIN2 = VIN2MIN + 100 mV
VGEN3[3:0] = 0000 - 1000, VIN2 = VGEN3NOM + 1.0 V
35
55
40
60
–
–
dB
(60)
NOISEVGEN3
Output Noise Density
•VIN2 = VIN2MIN, IGEN3 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
SLWRVGEN3
Turn-on Slew Rate
• 10% to 90% of end value
•VIN2MIN ≤ VIN2 ≤ 3.6 V, IGEN3 = 0.0 mA
VGEN3[3:0] = 0000 to 0011
VGEN3[3:0] = 0100 to 0111
VGEN3[3:0] = 1000 to 1011
VGEN3[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs
GEN3tON
Turn-on Time
Enable to 90% of end value, VIN2 = VIN2MIN, 3.6 V
IGEN3 = 0.0 mA
60
–
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com