| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP7132 bảng dữ liệu(PDF) 13 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7132 bảng dữ liệu(HTML) 13 Page - Copal Electronics |
|
13 / 14 page ![]() DP7132 13 Doc No. MD-2124, Rev. E © NIDEC COPAL ELECTRONICS CORP. Characteristics subject to change without notice Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is NiPdAu. (3) The device used in the above example is a DP7132ZI-10-GT3 (MSOP, Industrial Temperature range, 10k , NiPdAu, Tape & Reel, 3,000/Reel). (4) For additional package and temperature options, please contact your nearest COPAL ELECTRONICS Sales office. EXAMPLE OF ORDERING INFORMATION Package Z: MSOP Prefix Device # Suffix Product Number 7132 Resistance Company ID -10: 10k -50: 50k -00: 100k Temperature Range I = Industrial (-40 C to 85 C) T: Tape & Reel 3: 3,000/Reel Lead Finish G: NiPdAu (PPF) 0 1 - Z 2 3 1 7 DP I T3 – G r e b m u N t r a P g n i r e d r O 3 T G - 0 1 - I Z 2 3 1 7 DP 3 T G - 0 5 - I Z 2 3 1 7 DP 3 T G - 0 0 - I Z 2 3 1 7 DP |