| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP7113 bảng dữ liệu(PDF) 12 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7113 bảng dữ liệu(HTML) 12 Page - Copal Electronics |
|
12 / 12 page ![]() DP7113 Example of Ordering Information (Note 11) Prefix Device # Suffix Company ID DP 7113 V Product Number 7113 I GT3 Package I = Industrial ( 40 C to +85 C) Temperature Range V: SOIC Y: TSSOP Z: MSOP G: NiPdAu Blank: Matte Tin T: Tape & Reel 3: 3,000 Units / Reel Tape & Reel (Optional) 10 Resistance 01: 1 k 10: 10 k 50: 50 k 00: 100 k Lead Finish (Note 9) Table 7. ORDERING INFORMATION Orderable Part Number Resistance (k ) Package Pins Lead Finish DP7113VI 01 GT3 1 SOIC 8 NiPdAu DP7113VI 10 GT3 10 DP7113VI 50 GT3 50 DP7113VI 00 GT3 100 DP7113YI 01 GT3 1 TSSOP 8 NiPdAu DP7113YI 10 GT3 10 DP7113YI 50 GT3 50 DP7113YI 00 GT3 100 DP7113ZI 01 T3 1 MSOP 8 Matte Tin DP7113ZI 10 T3 10 DP7113ZI 50 T3 50 DP7113ZI 00 T3 100 8. All packages are RoHS compliant (Lead free, Halogen free). 9. The standard lead finish is NiPdAu, except MSOP package is Matte Tin. 10. The device used in the above example is a DP7113VI 10 GT3 (SOIC, Industrial Temperature, 10 k , NiPdAu, Tape & Reel, 3,000/Reel). DP7113/D NIDEC COPAL reserves the right to make changes without further notice to any products herein. NIDEC COPAL makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does NIDEC COPAL assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in NIDEC COPAL data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. NIDEC COPAL does not convey any license under its patent rights nor the rights of others. NIDEC COPAL products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the NIDEC COPAL product could create a situation where personal injury or death may occur. Should Buyer purchase or use NIDEC COPAL products for any such unintended or unauthorized application, Buyer shall indemnify and hold NIDEC COPAL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that NIDEC COPAL was negligent regarding the design or manufacture of the part. |