| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMS-404WC bảng dữ liệu(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CMS-404WC bảng dữ liệu(HTML) 3 Page - Copal Electronics |
|
3 / 12 page ![]() Manual soldering :350 ± 10 °C, 3 ~ 4 s Flow :260 1 °C þ5~ 6 s Reflow :255 °C (Peak temperature) (Please refer to the profile below) ■ STANDARD SPECIFICATIONS Operating temp. range Storage temp. range Sealing Net weight − 40 ~ 85 °C Non washable 0.40 g (CMS-2202) 0.45 g (CMS-2302) 0.50 g (CMS-2402) 0.42 g (CMS-2212) 0.48 g (CMS-2312) 0.54 g (CMS-2412) 0.42 g (CMS-2214) 0.48 g (CMS-2314) 0.54 g (CMS-2414) 0.80 g (CMS-4202) 0.84 g (CMS-4216) No. of positions Stroke Operating force Stop strength Solderability Soldering heat Shear (Adhesion) Substrate bending Pull-off strength 2, 3, 4 2 mm 1.5 ± 1 N {0.15 ± 0.1 kgf} 30 N {3.06 kgf} 15 s (Top setting) 245 ± 3 °C 2 ~ 3 s 50 N {5.09 kgf} 10 s Width 90 mm, bend 3 mm, 5 s, 1 time 50 N {5.09 kgf} 10 s Contact rating Non-switching Switching Minimum Contact timing Contact resistance Insulation resistance Dielectric strength DC50 V 100 mA DC12 V 100 mA DC20 mV 1 μA Non-shorting 70 m Ω maximum 100 M Ω minimum (DC500 V) AC500 V, 60 s Vibration Shock Load life Humidity High temp. exposure Low temp. exposure Thermal shock Amplitude 1.5 mm or Acceleration 98 m/s 2, 10-500-10 Hz, 3 directions for 10 cycles each 490 m/s 2, 11 ms, sinusoidal wave half cycle, 6 directions for 3 times each Continuous load 30000 cycles, DC12 ± 0.5 V, 100 ± 10 mA 40 °C, Relative humidity 90 ~ 95 %, 240 h, No load 85 °C, 96 h, No load −40 °C, 96 h, No load −40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles ■ ELECTRICAL CHARACTERISTICS ■ MECHANICAL CHARACTERISTICS ■ ENVIRONMENTAL CHARACTERISTICS { } : Reference only CMS SLIDE SWITCHES (SMD) 〈Reflow profile for soldering heat evaluation〉 Reflow : two times maximum Peak : 250 Over 230 C Pre Heating Zone 180 C (C) 250 200 150 100 50 150 C 90 30 s 30 10 s Soldering Zone Heating time C +5 0 |