| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFS-0501TB bảng dữ liệu(PDF) 6 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CFS-0501TB bảng dữ liệu(HTML) 6 Page - Copal Electronics |
|
6 / 7 page ![]() CFS SLIDE SWITCHES (FULL PITCH) ■ PACKAGING SPECIFICATIONS Maximum number of consecutive missing pieces = 2 Leader length and reel dimension are shown in the diagrams below: <Taping packaging specifications> O Taping version is packaged in 1000 pcs. (Flat knob) or 800 pcs. (Convex knob) per reel. Orders will be accepted for units of 1000 or 800 pcs., i.e., 1000, 2000, 3000 pcs., or 800, 1600, 2400 pcs., etc. O Taping version is boxed with 1 reel. O Embossed tape dimensions O Reel dimensions (Unit: mm) (Conforms to JIS C 0806-3) (In accordance with EIAJ ET-7200A) 40 mm min. 20 pitches min. 400 mm min. Direction of feed End Head Empty Filled Empty 21 ±0.8 13 ±0.2 2 ±0.5 A W1 W2 φ φ No. of bits A W1 W2 N Flat knob 1, 2, 3, 4, 5, 6 7, 8 9, 10 25.4 ± 1 29.4 ± 1 φ 330 ± 2 33.4 ± 1 37.4 ± 1 φ 80 ± 1 45.4 ± 1 49.4 ± 1 No. of bits A W1 W2 N Convex knob 1, 2, 3, 4, 5, 6 7 8, 9, 10 25.4 ± 1 29.4 ± 1 φ 330 ± 2 33.4 ± 1 37.4 ± 1 φ 80 ± 1 45.4 ± 1 49.4 ± 1 |