| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFP bảng dữ liệu(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CFP bảng dữ liệu(HTML) 1 Page - Copal Electronics |
|
1 / 5 page ![]() ■ FEATURES O RoHS compliant O High-reliability Part name ① ② ③ ④ ⑤ ⑥ ⑦ ⑧ Cover Slider Housing Slider contact Fixed contact Terminal pin Piano lever Piano cover Material Flammability UL94V-0 – UL94V-0 Polyphenylenesulphide Polyamide Polyamide Polyphenylenesulphide Polyphenylenesulphide Copper alloy, Gold-plated INTERNAL STRUCTURE ⑦ ⑧ ① ⑥ ② ⑤ ③ ④ O Communication devices, Air-conditioning equipment, Vending machines and various control equipment ■ APPLICATIONS PIANO SWITCHES (FULL PITCH) CFP ■ PART NUMBER DESIGNATION ※ Please refer to the LIST OF PART NUMBERS when placing orders. C F P - 0 4 0 1 T B Series name No. of bits 02: 2 bits 03:3 bits 04:4 bits 05: 5 bits 06:6 bits 08:8 bits 10:10 bits ON direction 0:Upper 1:Lower Form of packaging Taping (Reel) Magazine Gull wing Through hole pin Shape of terminal Structure 1:Flat lever (Without seal tape) 2:Convex lever (Without seal tape) RoHS compliant |
Số phần tương tự - CFP |
|
Mô tả tương tự - CFP |