công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLE2D-5M4-Z bảng dữ liệu(PDF) 3 Page - Copal Electronics

tên linh kiện ATLE2D-5M4-Z
Giải thích chi tiết về linh kiện  Subminiature Toggle Switch With Locking Lever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATLE2D-5M4-Z bảng dữ liệu(HTML) 3 Page - Copal Electronics

  ATLE2D-5M4-Z Datasheet HTML 1Page - Copal Electronics ATLE2D-5M4-Z Datasheet HTML 2Page - Copal Electronics ATLE2D-5M4-Z Datasheet HTML 3Page - Copal Electronics ATLE2D-5M4-Z Datasheet HTML 4Page - Copal Electronics ATLE2D-5M4-Z Datasheet HTML 5Page - Copal Electronics ATLE2D-5M4-Z Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ATE(Subminiature Toggle Switch)
Switching
function
Part No.
Viewed from part No. marking side
★ATE42D-2M4-Z
ON
−
ON
Connecting terminals
2−1
5−4
−
2−3
5−6
Switching
function
Part No.
Viewed from part No. marking side
★ATE42D-6M3-Z
ON
−
ON
Connecting terminals
2−3
5−6
−
2−1
5−4
Switching
function
Part No.
Viewed from part No. marking side
☆ATE44D-2M4-Z
ON
−
ON
Connecting terminals
2−1
5−4
8−7
11−10
−
2−3
5−6
8−9
11−12
Switching
function
Part No.
Viewed from part No. marking side
★ATE44D-6M3-Z
ON
−
ON
Connecting terminals
2−3
5−6
8−9
11−12
−
2−1
5−4
8−7
11−10
DPDT
DPDT
4PDT
4PDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
★:Made to order products.
☆:Semi-standard products.
PC Straight
PC Straight
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
(With bracket)
(With bracket)
(Mounting height : 7mm)
(Mounting height : 7mm)
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com