công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RMHR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UCD3138RMHR
Giải thích chi tiết về linh kiện  Highly Integrated Digital Controller for Isolated Power
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RMHR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button UCD3138RMHR Datasheet HTML 2Page - Texas Instruments UCD3138RMHR Datasheet HTML 3Page - Texas Instruments UCD3138RMHR Datasheet HTML 4Page - Texas Instruments UCD3138RMHR Datasheet HTML 5Page - Texas Instruments UCD3138RMHR Datasheet HTML 6Page - Texas Instruments UCD3138RMHR Datasheet HTML 7Page - Texas Instruments UCD3138RMHR Datasheet HTML 8Page - Texas Instruments UCD3138RMHR Datasheet HTML 9Page - Texas Instruments UCD3138RMHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
6
UCD3138
SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: UCD3138
Revision History
Copyright © 2012–2016, Texas Instruments Incorporated
•
Changed conditions for VOL and VOH specifications in Electrical Characteristics ........................................... 15
•
Added TWD specification to Electrical Characteristics
......................................................................... 15
•
Changed "PWM" to "DPWM" in
.................................................................................................. 20
•
Changed waveforms graphic for "Phase Shifted Full Bridge Example" for clarification
................................... 30
•
Added text to section
............................................................................................................... 31
•
Changed typical conversion speed from "268 ksps" to "267 ksps" in the General Purpose ADC12 section.
........... 42
•
Added package ID information for the UCD3138RGC and UCD3138RHA devices.
....................................... 44
•
Added bullet "AD02 has a special ESD protection mechanism that prevents the pin from pulling down the
current-share bus if power is missing from the UCD3138" to .
................................................................ 46
•
Changed "PWMA" and "PWMB" to "DPWMA" and "DPWMB" in Section 6.6.1.
........................................... 50
•
Added sub-bullet "The power pad of the driver IC should be tied to DGND" and changed capacitor value from
"0.1 µF" to "4.7 µF" in
.............................................................................................................. 68
•
Changed " Mechanical Data" section to "References" section
................................................................ 71
Changes from Original (March 2012) to Revision A
Page
•
Added Production Data statement to footnote and removed "Product Preview" banner
.................................... 1
•
Deleted table: Summary of Key Differences Between UCD3138x and UCD3138
........................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com