| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138RGCT bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RGCT bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 89 page ![]() 27 UCD3138 www.ti.com SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 Submit Documentation Feedback Product Folder Links: UCD3138 Detailed Description Copyright © 2012–2016, Texas Instruments Incorporated The registers and bit definitions inside the system and peripheral blocks are detailed in the programmer’s guide for each peripheral. 6.3.2 Boot ROM The UCD3138 incorporates a 4k boot ROM. This boot ROM includes support for: • Program download through the PMBus • Device initialization • Examining and modifying registers and memory • Verifying and executing program FLASH automatically • Jumping to a customer defined boot program The Boot ROM is entered automatically on device reset. It initializes the device and then performs checksums on the Program FLASH. If the first 2 kB of program FLASH has a valid checksum, the program jumps to location 0 in the Program FLASH. This permits the use of a customer boot program. If the first checksum fails, it performs a checksum on the complete 32 kB of program flash. If this is valid, it also jumps to location 0 in the program flash. This permits full automated program memory checking, when there is no need for a custom boot program. If neither checksum is valid, the Boot ROM stays in control, and accepts commands via the PMBus interface These functions can be used to read and write to all memory locations in the UCD3138. Typically they are used to download a program to Program Flash, and to command its execution 6.3.3 Customer Boot Program As described above, it is possible to generate a user boot program using 2 kB or more of the program flash. This can support things which the Boot ROM does not support, including: • Program download via UART – useful especially for applications where the UCD3138 is isolated from the host (for example, PFC) • Encrypted download – useful for code security in field updates. 6.3.4 Flash Management The UCD3138 offers a variety of features providing for easy prototyping and easy flash programming. At the same time, high levels of security are possible for production code, even with field updates. Standard firmware will be provided for storing multiple copies of system parameters in data flash. This is minimizes the risk of losing information if programming is interrupted. 6.4 System Module The System Module contains the interface logic and configuration registers to control and configure all the memory, peripherals and interrupt mechanisms. The blocks inside the system module are the address decoder, memory management controller, system management unit, central interrupt unit, and clock control unit. 6.4.1 Address Decoder (DEC) The Address Decoder generates the memory selects for the FLASH, ROM and RAM arrays. The memory map addresses are selectable through configurable register settings. These memory selects can be configured from 1 kB to 16 MB. Power on reset uses the default addresses in the memory map for ROM execution, which is then configured by the ROM code to the application setup. During access to the DEC registers, a wait state is asserted to the CPU. DEC registers are only writable in the ARM privilege mode for user mode protection. |