công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ76PL455APFCR bảng dữ liệu(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BQ76PL455APFCR
Giải thích chi tiết về linh kiện  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCR bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button BQ76PL455APFCR Datasheet HTML 42Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 43Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 44Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 45Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 46Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 47Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 48Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 49Page - Texas Instruments BQ76PL455APFCR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 125 page
background image
46
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.5 Calculating Wakeup Timing
The following sequence assumes that the microcontroller power circuit provides the VIO supply. The host
microcontroller initiates the sequence and the VIO is up and stable. (The sequence does not change if VIO is tied
to the regulator. However, if some other source is providing WAKEUP, but the microcontroller provides the VIO
supply, the VIO supply needs to clear the POR threshold within VIOSD_DLY of WAKEUP or the part will go back
into shutdown.)
1. The user asserts the WAKEUP pin on the bottom board's base device.
2. At this point, the VP regulator will turn on and ramp the VP/VDIG supplies. The time required to reach the
POR thresholds for VP/VDIG varies and is dependent on the designer's component selection. (Note that
VP/VDIG/VIO must all reach their respective POR thresholds.) Once VP reaches its POR threshold, VREF
will also need to ramp to its operating voltage.
3. The time from reaching the POR thresholds to the start of the wakeup tone being transmitted from the high-
side interface is specified as tWAKEUP_DLY.
4. The time from the start of the wakeup tone being transmitted until communications are allowed to this part is
specified as tWAKEUP_TO_UART.
NOTE
It is acceptable to begin communicating with the part at this point, if it is the only part in
the stack. If there are additional parts in the stack, you can still begin communicating with
the bottom part at this point. However, this may cause communications error flags to get
set in bq76PL455A parts positioned higher in the stack.
5. The time from the wakeup tone transmission from the high side of the device below (end of step 3), until the
regulator turns on the current board, is (tWAKE_TONE_DLY_DC – tWAKEUP_DLY).
6. The regulator turns on and ramps the VP/VDIG/VREF/VIO supplies. As with the bottom device, this time is
board dependent.
7. The time from reaching the POR thresholds to the start of the wakeup tone being transmitted from the high-
side interface to the next device up the stack is specified as tWAKEUP_DLY. Note that for calculation purposes to
group #5 and #7 together as tWAKE_TONE_DLY_DC.
8. The time from the wakeup tone being transmitted from the high-side interface until you are allowed to
communicate with this part is specified as tWAKEUP_TO_DCOMM.
If there are additional parts in the stack, apply steps 5–8 accordingly.
To compute the total time from assertion of WAKEUP to the stack being ready for communications, we will
define:
•
tBOT_RAMP as the time needed for the supply ramp on the bottom board. The above steps must be used to
determine the wakeup time for the bottom board.
•
tSTACK_RAMP as the time needed for the supply ramp on all stacked boards
•
nSTACK_BOARDS as the number of stacked boards (not including the bottom board)
If there is only one device, then the required delay from WAKEUP until it is acceptable to begin communicating
will be:
tBOT_RAMP + tWAKEUP_DLY + tWAKEUP_TO_UART
(8)
Else, if there is more than one board in the stack, the delay from WAKEUP until it is acceptable to begin
communicating will be:
tBOT_RAMP + tWAKEUP_DLY + nSTACK_BOARDS * (tSTACK_RAMP + tWAKE_TONE_DLY_DC) + tWAKEUP_TO_DCOMM
(9)
It is generally acceptable to start communicating with the stack once the bottom UART interface is ready for
communications. However, parts above in the stack may not respond until their required times. It is also possible
to cause communication error flags to be set in the parts above by doing this. As mentioned previously, the
fastest way to get the stack talking (assuming all parts have the EEPROM burned for their stack location and
configuration) may be to continuously send a read request to the top device until it responds and then clear all
communications errors that occur because of this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com