| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP2M-2M-Z bảng dữ liệu(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
AP2M-2M-Z bảng dữ liệu(HTML) 5 Page - Copal Electronics |
|
5 / 5 page ![]() ■ Soldering SpeciÄcations ⑴Manual Soldering Device:Soldering iron ①380° C, Max.; 3 seconds, Max. ⑵Auto Soldering (PC types only) Device:Jet wave type or dip type ①275° C, 6 seconds, Max. ・Pre-heating should be done at temperatures from 80 to 120° C and within 120 seconds. ⑶When soldering two or more terminals to the common land, use solder resist to solder them independently. ■ Flux Cleaning ⑴ Solvent :Fluorine or Alcohol type ⑵ The AP s erie s are no t w a shable. To w a sh the PC board, clean the soldering surface of the PC board with a brush so that the switch is not exposed to the cleaning solution. AP ■ Color Cap Mounting AP −MAP−S Refer to P.253. ■ Packaging SpeciÄcations ■ Table of Part Numbers Term.style Poles Switching function APE −MAP−MAP−SAP−H PC 1 pole ON − (OFF) − ★AP1B−2M−Z ★AP1B−2S−Z ★AP1B−2H−Z OFF −(ON) − AP1C−2M−Z AP1C−2S−Z AP1C−2H−Z ON −(ON) APE1F−2M−10−Z ☆AP1F−2M−Z AP1F−2S−Z AP1F−2H−Z 2 poles ON − (OFF) − ★AP2L−2M−Z ▲AP2L−2S−Z ▲AP2L−2H−Z OFF −(ON) − ★AP2M−2M−Z ★AP2M−2S−Z ★AP2M−2H−Z ON −(ON) APE2F−2M−10−Z ★AP2R−2M−Z ★AP2R−2S−Z ★AP2R−2H−Z 0.3R/A 1 pole ON − (OFF) − ★AP1B−6M−Z ★AP1B−6S−Z − OFF −(ON) − AP1C−6M−Z AP1C−6S−Z − ON −(ON) APE1F−6M−10−Z ★AP1F−6M−Z AP1F−6S−Z − 2 poles ON − (OFF) − ★AP2L−6M−Z ★AP2L−6S−Z − OFF −(ON) − ☆AP2M−6M−Z ★AP2M−6S−Z − ON −(ON)☆APE2F−6M−10−Z ★AP2R−6M−Z ☆AP2R−6S−Z − 0.2R/A 1 pole ON −(ON) APE1F−5M−10−Z −−− APE1F−5M−10−2−Z −−− 2 poles ON −(ON) ★APE2F−5M−10−Z −−− −−−− (ON) . (OFF) :Momentary. ★:Made to order products. ☆:Semi-standard products. ▲:Inquiry products. Plastick Pack PC terminals : 100 pcs/pack AP2 : 50 pcs/pack Right-angle terminals : 50 pcs/pack |