công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN26 bảng dữ liệu(PDF) 4 Page - Copal Electronics

tên linh kiện AN26
Giải thích chi tiết về linh kiện  W-6137EVAL1 EVALUATION BOARD FOR W-6137
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AN26 bảng dữ liệu(HTML) 4 Page - Copal Electronics

  AN26 Datasheet HTML 1Page - Copal Electronics AN26 Datasheet HTML 2Page - Copal Electronics AN26 Datasheet HTML 3Page - Copal Electronics AN26 Datasheet HTML 4Page - Copal Electronics AN26 Datasheet HTML 5Page - Copal Electronics AN26 Datasheet HTML 6Page - Copal Electronics AN26 Datasheet HTML 7Page - Copal Electronics AN26 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN26
© 2005 by NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
4
Document No. 6043, Rev. A
b)
Set the R2 potentiometer to the middle position.
c)
Apply the external voltage supply, Vext (3.0V < VIN < 5V) between VIN (T1) and GND (T2).
d)
The W-6137 is in the shutdown mode (SHDN pin is connected to GND) if the J1 connector is not jumpered (or S1
switch is not pressed).
-
Connect a current meter between Vext and VIN pad to measure the shutdown current: ISD << 1µA
-
In this mode of operation the LEDs are disconnected from the output: LEDs are OFF.
e)
Connect SHDN pin of the W-6137 to VIN using a jumper shunt between Pin #1 and Pin #2 of J1 connector (or press
the S1 switch).
-
Observe that LEDs are ON.
2) LED Current Evaluation
a)
Programming LED current
LED current is programmed using the external resistors, RSET = R1 + R2, connected to the FB pin. The voltage at the
FB pin is internally regulated to the value VFB = 300mV +/- 15 mV.
The current into the LED pin can be set according to the following equation:
ILED (mA) = VFB (mV) / RSET(ohm) = VFB / (R1 + R2).
-
Set the input voltage: ex. VIN = 3.6V.
-
Disconnect the jumper from the J3 connector and insert a current meter between these pins to monitor the LED
current, ILED.
-
Rotate the potentiometer R2 and observe the ILED value on the current meter. The current can be adjusted
between 3mA and 40mA, approximately. Various LED current values and the associated RSET values are listed
below:
ILED (mA)
RSET (ohm)
559.1
10
29.8
15
20
20
15
25
12
30
10
-
Monitor the voltage on FB (T5), VOUT (T7), and SW (T9).
-
Verify the internal switch frequency (fSW = 1.0MHz – typically) using a scope probe connected on SW (T9) test
point (GND = T8).
Figure 3 shows the internal switch output, VSW (DC coupled, 5V/div) and the regulated voltage on FB pin, VFB (DC,
500mV/div) for VIN = 3.6V, ILED = 20 mA, 3 LEDs in series connected to the W-6137 output.
Figure 4 shows the VOUT (CH2, AC coupled, 100mV/div) against VSW (CH1).



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com