| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2W-16G-R-Z bảng dữ liệu(PDF) 8 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
LP2W-16G-R-Z bảng dữ liệu(HTML) 8 Page - Copal Electronics |
|
8 / 14 page ![]() LP (Illuminated) LP2S(SPDT・DPDT) LP2W(SPDT・DPDT) Part No. Switching function LP2S −16□−■■■−Z ON (ON) LP2S −17□−■■■−Z ON ON Connected Terminals (C1)−(2)(C1)−(1) LED circuit LP1S −26□−■■■−Z ON (ON) LP1S −27□−■■■−Z ON ON Connected Terminals (C1)−(2) (C2)−(4) (C1)−(1) (C2)−(3) LED circuit LP2W −16□−■■■−Z ON (ON) LP2W −17□−■■■−Z ON ON Connected Terminals (C1)−(2)(C1)−(1) LED circuit LP1W −26□−■■■−Z ON (ON) LP1W −27□−■■■−Z ON ON Connected Terminals (C1)−(2) (C2)−(4) (C1)−(1) (C2)−(3) LED circuit Latch Position Total Travel ● 1 pole versions do not have Terminals (3), (4), and (C2). ● 1 pole versions do not have Terminals (3), (4), and (C2). Snap-in Mount Snap-in Mount ★:Made to order products. ☆:Semi-standard products. (ON) :Momentary ●Terminal numbers are shown on the bottom of the switch. |