| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP-SERIES bảng dữ liệu(PDF) 12 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
LP-SERIES bảng dữ liệu(HTML) 12 Page - Copal Electronics |
|
12 / 14 page ![]() LP ■Optional Accessories Part Name Type Dimensions Panel cut out dimensions Panel thickness Switch Guard LP2S type 140007250011 1 ∼1.9mm LP-2S LP2W type 140007250012 ●The switch guard cannot be used with the PC mount versions. ■Packaging SpeciÄcations Stick Series pcs/stick Stick Length LP1S 25 400 LP1W 20 LP2S 25 460 LP2W 20 445 ● If the order quantity is below the above packaging quantities, the packing style may be in trays. :Optional Accessories. Polycarbonate resin Clear Polycarbonate resin Clear PBT resin Black PBT resin Black Polycarbonate resin Clear PBT resin Black Switch Guard Outline Switch Guard Outline Switch Guard Outline |