| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE7758 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7758 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 68 page ![]() ADE7758 Rev. A | Page 14 of 68 0.20 0.25 –0.15 –0.20 –0.25 –0.10 –0.05 0 0.05 0.10 0.15 0.01 0.1 1 10 100 PERCENT FULL-SCALE CURRENT (%) PHASE A PHASE B PHASE C ALL PHASES PF = 1 Figure 12. APCF Error as a Percentage of Reading (Gain = +1) with Internal Reference and Integrator Off 0.4 –0.4 –0.3 –0.2 –0.1 0 0.1 0.2 0.3 0.01 0.1 1 10 100 PF = 0, +25 °C PF = 0, +85 °C PF = 0, –40 °C PERCENT FULL-SCALE CURRENT (%) Figure 13. Reactive Energy Error as a Percentage of Reading (Gain = +1) over Temperature with Internal Reference and Integrator Off 0.8 –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.01 0.1 1 10 100 PERCENT FULL-SCALE CURRENT (%) PF = 0, +25 °C PF = –0.866, +25 °C PF = +0.866, +25 °C PF = +0.866, +85 °C PF = +0.866, –40 °C Figure 14. Reactive Energy Error as a Percentage of Reading (Gain = +1) over Power Factor with Internal Reference and Integrator Off 0.3 –0.3 –0.2 –0.1 0 0.1 0.2 0.01 0.1 1 10 100 PERCENT FULL-SCALE CURRENT (%) PF = 0, +25 °C PF = 0, +85 °C PF = 0, –40 °C Figure 15. Reactive Energy Error as a Percentage of Reading (Gain = +1) over Temperature with External Reference and Integrator Off 0.3 –0.3 –0.2 –0.1 0 0.1 0.2 0.01 0.1 1 10 100 PERCENT FULL-SCALE CURRENT (%) PF = 0, +25 °C PF = –0.866, +25 °C PF = +0.866, +25 °C PF = +0.866, +85 °C PF = +0.866, –40 °C Figure 16. Reactive Energy Error as a Percentage of Reading (Gain = +1) over Power Factor with External Reference and Integrator Off 0.8 –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 45 47 49 51 53 55 57 59 61 63 65 LINE FREQUENCY (Hz) PF = 0 PF = 0.866 Figure 17. Reactive Energy Error as a Percentage of Reading (Gain = +1) over Frequency with Internal Reference and Integrator Off |