công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BGA751N7 bảng dữ liệu(PDF) 9 Page - Infineon Technologies AG

tên linh kiện BGA751N7
Giải thích chi tiết về linh kiện  SiGe Bipolar 3G/3.5G/4G Single-Band LNA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA751N7 bảng dữ liệu(HTML) 9 Page - Infineon Technologies AG

Back Button BGA751N7 Datasheet HTML 5Page - Infineon Technologies AG BGA751N7 Datasheet HTML 6Page - Infineon Technologies AG BGA751N7 Datasheet HTML 7Page - Infineon Technologies AG BGA751N7 Datasheet HTML 8Page - Infineon Technologies AG BGA751N7 Datasheet HTML 9Page - Infineon Technologies AG BGA751N7 Datasheet HTML 10Page - Infineon Technologies AG BGA751N7 Datasheet HTML 11Page - Infineon Technologies AG BGA751N7 Datasheet HTML 12Page - Infineon Technologies AG BGA751N7 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
BGA751N7
SiGe Bipolar 3G/3.5G/4G Single-Band LNA
Electrical Characteristics
Data Sheet
9
Revision 3.1, 2013-01-31
2
Electrical Characteristics
2.1
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
2.2
Thermal Resistance
2.3
ESD Integrity
Table 1
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
-0.3
–
3.6
V
–
Supply current
I
CC
––10
mA
–
Pin voltage
V
PIN
-0.3
–
V
CC+0.3
V
All pins except RF input pins.
Pin voltage RF Input Pins
V
RFIN
-0.3
–
0.9
V
–
RF input power
P
RFIN
––4dBm
–
Junction temperature
T
j
––150
°C
–
Ambient temperature range
T
A
-30
–
85
°C
–
Storage temperature range
T
stg
-65
–
150
°C
–
Table 2
Thermal Resistance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Thermal resistance junction to
soldering point
R
thJS
–150
–K/W
–
Table 3
ESD Integrity
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
ESD hardness HBM
1)
1) According to JESD22-A114
V
ESD-HBM
–
2000
–
V
All pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com