| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA9212 bảng dữ liệu(PDF) 39 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA9212 bảng dữ liệu(HTML) 39 Page - Dialog Semiconductor |
|
39 / 74 page ![]() DA9211 and DA9212 Datasheet Company confidential Data sheet Version <3.0> <07-Jan-2015> CFR0011-120-00 Rev 3 39 of 74 © 2015 Dialog Semiconductor GmbH buck. If BUCKA_EN or BUCKB_EN are not asserted and all controlling GPI ports are inactive, the buck converter will stay off with the output pull-down resistor enabled/disabled according to the setting of BUCKA_PD_DIS and BUCKB_PD_DIS. OFF Mode 13.3.2 DA9211 and DA9212 is in OFF Mode when the IC_EN port is lower than EN_OFF. In OFF Mode, the bucks are always disabled and the output pull-down resistors are disabled independently of BUCKA_PD_DIS and BUCKB_PD_DIS. All I/O ports of DA9211 and DA9212 are configured as high impedance. |