| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT-RZ970 bảng dữ liệu(PDF) 18 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
PT-RZ970 bảng dữ liệu(HTML) 18 Page - Panasonic Semiconductor |
|
18 / 21 page ![]() 18/2 1 As of July 2016 SFD16M034 DLP™ Projector PT-RZ970B/RZ970W/RZ970LB/RZ970LW List of compatible signals The following table specifies the video signals compatible with the projector. • Symbols that indicate formats are as follows. ––V :VIDEO, Y/C ––R: RGB (analog) ––Y: YCBCR/YPBPR (analog) ––D: DVI-D ––H: HDMI • Input corresponding to each item in the plug and play column is as follows. –– RGB2: RGB2 input –– DVI-D: DVI-D input –– HDMI/DL: HDMI input, DIGITAL LINK input Format RGB2 Plug and Play*1 HDMI DL Compatible signal H (KHz) V (Hz) Resolution (Dots) Dot clock freq. (MHz) Scanning freq. DVD-D EDID1EDID2 EDID3 NTSC/NTSC4.43/PAL-M/PAL60 PAL/PAL-N/SECAM 480/60i 576/50i 480/60i 576/50i 480/60p 576/50p 720/60p 720/50p 1080/60i 1080/50i 1080/24p 1080/24sF 1080/25p 1080/30p 1080/60p 1080/50p 640 x 400/70 640 x 400/85 640 x 480/60 640 x 480/67 640 x 480/73 640 x 480/75 640 x 480/85 800 x 600/56 800 x 600/60 800 x 600/72 800 x 600/75 800 x 600/85 832 x 624/75 1024 x 768/50 1024 x 768/60 1024 x 768/70 1024 x 768/75 1024 x 768/82 1024 x 768/85 1024 x 768/100 1024 x 768/120 1152 x 864/60 1152 x 864/70 1152 x 864/75 1152 x 864/85 1152 x 870/75 1280 x 720/50 1280 x 720/60 1280 x 720/100 1280 x 720/120 720 x 480i 720 x 576i 720 x 480i 720 x 576i 720(1440) x 480i*2 720(1440) x 576i*2 720 x 480 720 x 576 1280 x 720 1280 x 720 1920 x 1080i 1920 x 1080i 1920 x 1080 1920 x 1080i 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 640 x 400 640 x 400 640 x 480 640 x 480 640 x 480 640 x 480 640 x 480 800 x 600 800 x 600 800 x 600 800 x 600 800 x 600 832 x 624 1024 x 768 1024 x 768 1024 x 768 1024 x 768 1024 x 768 1024 x 768 1024 x 768 1024 x 768 1152 x 864 1152 x 864 1152 x 864 1152 x 864 1152 x 870 1280 x 720 1280 x 720 1280 x 720 1280 x 720 15.7 15.6 15.7 15.6 15.7 15.6 31.5 31.3 45.0 37.5 33.8 28.1 27.0 27.0 28.1 33.8 67.5 56.3 31.5 37.9 31.5 35.0 37.9 37.5 43.3 35.2 37.9 48.1 46.9 53.7 49.7 39.6 48.4 56.5 60.0 65.5 68.7 81.4 98.7 53.7 64.0 67.5 77.1 68.7 37.1 44.8 76.3 92.6 59.9 50.0 59.9 50.0 59.9 50.0 59.9 50.0 60.0 50.0 60.0 50.0 24.0 48.0 25.0 30.0 60.0 50.0 70.1 85.1 59.9 66.7 72.8 75.0 85.0 56.3 60.3 72.2 75.0 85.1 74.6 50.0 60.0 70.1 75.0 81.6 85.0 100.0 120.0 60.0 70.0 75.0 85.0 75.1 49.8 59.9 100.0 120.0 ― ― 13.5 13.5 27.0 27.0 27.0 27.0 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 148.5 148.5 25.2 31.5 25.2 30.2 31.5 31.5 36.0 36.0 40.0 50.0 49.5 56.3 57.3 51.9 65.0 75.0 78.8 86.0 94.5 113.3 139.1 81.6 94.2 108.0 119.7 100.0 60.5 74.5 131.8 161.6 V V R/Y R/Y D/H D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/Y/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H R/D/H ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― ― |