| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2808 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
P2808 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 8 page ![]() PAM2808 Document number: DS36402 Rev. 2 - 2 2 of 8 www.diodes.com September 2015 © Diodes Incorporated PAM2808 Pin Description Pin Number Pin Name Function 1 NC Not Connected 2 VIN Input Voltage 3 EN Enabled 4 GND Ground 5 NC Not Connected 6 FB Feedback 7 VOUT Output Voltage 8 NC Not Connected Block Diagram Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability. All voltages are with respect to ground. Parameter Rating Unit Input Pin Voltage 6.5 V EN, FB VOUT Pin Voltage -0.3 to VIN +0.3 Maximum Output Current PD/(VIN – VO) — Storage Temperature -65 to +150 °C Maximum Junction Temperature +150 Lead Soldering Temperature +300 |