| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMI bảng dữ liệu(PDF) 7 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
EMI bảng dữ liệu(HTML) 7 Page - 3M Electronics |
|
7 / 12 page ![]() 9 Contact Resistance (R ohms) between a Gold Flexible Test Strip and a SS panel using the 3M ECATT Bond Line EMI Shielding (Bond Line Gap/Slit EMI Shielding Potential) Potential to improve contact R of a Flex to a PCB grounding locations via improved surface conformability and XYZ conductive potential with an ECATT product type vs. a generic Z-axis only conductive PSA Adhesion to SS type substrate/3M TM/24 hour RT dwell Ease of Rework based on a standard set of substrates Thermal Conductivity (W/mK) or an effective Thermal Resistance (C/W) for a given thickness vs a generic Z-Axis only PSA Gold flex bonded to SS using the ECATT. “Best” results relate to a lower contact R potential on SS. Contact R can vary with SS type tested as the oxide layer thickness on a SS type affects the final R results. See note 1. Best = High dB EMI Shielding in Bond Line “Gap/Slit” Contact R between a Flex and a PCB Peel Strength ECATT design can effect rework based on acrylic adhesive type & conductive filler type. Effective Thermal resistance and Thermal Conductivity vs a generic Z-Axis only PSA. 9703 Best Good Good Better Good 9704 Best Good Best Good Good 9705 Best Good Good Better Good 9706 Best Good Best Good Good 9707 Best Best Best Best Good Best 9709 Good Best Best Good Better Best 9709S Best Best Best Good Better Best 9709SL Best Best Best Good Better Best 7805 Good Better Good Best Better Better 7850 Good Good Good Best Good Best 7772 Better Good Good Good Good Good 9712 Good Good Good Better Good Good 9713 Better Good Good Good Good Good 9719 Good Good Good Better Good Good 9720S Better Good Good Good Good Good 9723 Better Good Better Best Good Good 9750 Best Best Best Best Good Good 9732 Best Better Better Best Good Good 9760 Best Better Better Good Best Good 9764 Better Better Good Good Best Good 9780 Better Better Good Good Best Good These long-lasting adhesive transfer tapes can eliminate the need for screws and mechanical fasteners – while allowing the use of lighter, more compact fabric and layered foil shielding materials. And, unlike other electrically conductive adhesives that can be messy and difficult to handle, 3M delivers advanced adhesive and conductive properties in an easy-to-use, pressure-sensitive tape that can be hand or machine applied and die cut to virtually any shape! 3M™ Electrically Conductive Adhesive Transfer Tape (ECATT) Selection Process Selection of Grounding, EMI Shielding and attachment ECATTs consists of determining several application requirements: For example, an ECATT general selection process could take into consideration items such as, but not limited to: 1 Determine contact R target 2 Define contact surface type 3 Adhesion level desired - from High- Medium-Standard Adhesion, and High/Low adhesion sided ECATTs 4 Bond line thickness 5 Z or XYZ conductive type ECATT 6 Operating temperature range and environmental conditions 7 EMI Shielding in bond line “Gap/Slit” for high frequencies 8 Determine contact area for ECATT used for R and adhesion of surfaces 9 Assembly Pressure, temperature and time limits 10 After assembly bond line stresses and need for added mechanical support |